Part Number Hot Search : 
GI7810 C2012X7R 0N1TR DG9408 35312 EXB1XXXX BLF571 0XS18D7
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AWS-SD101CWS
SCHOTTKY DIODES
SOD-323
1.35(0.053) 1.15(0.045) 1.26(.050) 1.24(.048)
FEATURES
Low forward voltage drop Guard ring construction for transient protection Negligible reverse recovery time
1.80(0.071) 1.60(0.063)
2.70(0.106) 2.30(0.091)
1.80(0.071) 1.60(0.063)
2.70(0.106) 2.30(0.091)
MECHANICAL DATA
0.4(0.016) .25(0.010) .177(.007) .089(.003) 1.00(.040) 0.80(.031) 0.1(0.004) MIN .305(0.012) .295(0.010) .72(0.028) .69(0.027)
.08(.003) MIN
Case: Molded plastic body Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on case Marking: SD101AWS:S1, SD101BWS:S2, SD101CWS:S3
Dimensions in millimeters and (inches)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum ratings and electrical characteristics, Single diode @TA=25 C PARAMETER Peak repetitive peak reverse voltage Working peak reverse voltage DC Blocking voltage RMS Reverse voltage Forward continuous current Repetitive peak forward current @t<1.0s @t=10us Power dissipation Thermal resistance junction to ambient Storage temperature Electrical ratings @TA=25 PARAMETER
Reverse breakdown voltage Fowrard voltage SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS
SYMBOLS SYMBOLS
SD101AWS 60 42
SD101BWS 50 35 15 50 2.0 200 300 -65 to +125
SD101CWS 40 28
UNITS VOLTS V mA mA A mW C/W C
VRRM VRMS VDC VR(RMS) IFM IFRM Pd RJA TSTG
V(BR)R
Min. 60 50 40
Typ.
Max.
Unit V
VF
Reverse current Capacitance between terminals Reverse recovery time
0.41 0.40 0.39 1.00 0.95 0.90 0.2 2.0 2.1 2.2 1.0
V
IRM CT trr
uA pF ns
Conditions IR=10uA IR=10uA IR=10uA IF=1.0mA IF=1.0mA IF=1.0mA IF=15mA IF=15mA IF=15mA VR=50V VR=40V VR=30V VR=0V,f=1.0MHz IF=IR=5mA Irr=0.1XIR,RL=100
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES SD101AWS-SD101CWS
FIG. 1- POWER DERATING CURVE
500 10
FIG. 2-TYPICAL FORWARD CHARACTERISTIC
Pd.POWER DISSIPATION (mW)
400
IF,FORWARD CURRENT(mA)
See Note1
B C 1.0
A
300
200
0.1
100
0 0
0.01 25 50 75 100 125 150 0 0.2 0.4 0.6 0.8 1.0
TA,AMBIENT TEMPERATURE( C)
VR REVERSE VOLTAGE.(V)
FIG.3- TYPICAL TOTAL CAPACITANCE VS REVERSE VOLTAGE
2 10 Tj=25 C f=1MHz
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
CT, TOTAL CAPACITANCE(pF)
TA=125 C
IR,REVERSE CURRENT(uA)
1 TA=75 C 0.1 TA=25 C
C
B A
1
0.01
TA=0 C 0.001 TA=-65 C
0 0 10 20 30 40 50
0.0001 0
10
20
30
40
50
60
VR REVERSE VOLTAGE.(V)
VR REVERSE VOLTAGE.(V)
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X